PART |
Description |
Maker |
AT-130 |
Fixed Attenuators (SMA Type)
|
Hirose Electric
|
R125791501 R125703001 |
ADAPTOR, SMA M-F, PUSH-ON; Connector type A:SMA Male; Connector type B:SMA Female; Impedance:50R RoHS Compliant: Yes ADAPTOR, SMA PLUG/PLUGADAPTOR, SMA PLUG/PLUG; Connector type A:SMA Plug; Connector type B:SMA Plug; Frequency, operating max:18kHz; Impedance:50R; Insulation Resistance:5000MR; Material:Stainless steel; Material, contact:Beryllium
|
RADIALL S A
|
PE7018-1 |
1 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
|
Pasternack Enterprises,...
|
PE7336-3 |
3 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7227-30 |
30 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7221-6 |
6 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7221-3 |
3 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7391-1 PE7391-2 PE7391-15 |
2 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7406-10 |
10 dB Fixed Attenuator, SMA Male To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7408-40 |
40 dB Fixed Attenuator, SMA Female To SMA Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7406-30 |
30 dB Fixed Attenuator, SMA Male To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|